Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STA309A Datasheet(PDF) 53 Page - STMicroelectronics

No. de pieza STA309A
Descripción Electrónicos  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 49Page - STMicroelectronics STA309A Datasheet HTML 50Page - STMicroelectronics STA309A Datasheet HTML 51Page - STMicroelectronics STA309A Datasheet HTML 52Page - STMicroelectronics STA309A Datasheet HTML 53Page - STMicroelectronics STA309A Datasheet HTML 54Page - STMicroelectronics STA309A Datasheet HTML 55Page - STMicroelectronics STA309A Datasheet HTML 56Page - STMicroelectronics STA309A Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
STA309A
Registers
53/67
7.2.53
Channel 1 and 2 output timing (0x33)
7.2.54
Channel 3 and 4 output timing (0x34)
7.2.55
Channel 5 and 6 output timing (0x35)
7.2.56
Channel 7 and 8 output timing (0x36)
The centering of the individual channel PWM output periods can be adjusted by the output
timing registers. PWM slot settings can be chosen to insure that pulse transitions do not
occur at the same time on different channels using the same power device. There are 8
possible settings, the appropriate setting varying based on the application and connections
to the DDX power devices.
D7
D6
D5
D4
D3
D2
D1
D0
C2OT2
C2OT1
C2OT0
C1OT2
C1OT1
C1OT0
10
0
0
00
D7
D6
D5
D4
D3
D2
D1
D0
C4OT2
C4OT1
C4OT0
C3OT2
C3OT1
C3OT0
11
0
0
10
D7
D6
D5
D4
D3
D2
D1
D0
C6OT2
C6OT1
C6OT0
C5OT2
C5OT1
C5OT0
10
1
0
01
D7
D6
D5
D4
D3
D2
D1
D0
C8OT2
C8OT1
C8OT0
C7OT2
C7OT1
C7OT0
11
1
0
11
Table 78.
PWM slot
CnOT[2:0]
PWM slot
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67