| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA309A Datasheet(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A Datasheet(HTML) 63 Page - STMicroelectronics |
|
63 / 67 page ![]() STA309A Equalization and mixing 63/67 8.4 PSCorrect registers ADC is used to input ripple data to SDI78. The left channel (7) is used internally. No audio data can therefore be used on these channels. Though all channel mapping and mixing from other inputs to channels 7 and 8 internally are still valid. 8.4.1 PSC1-2: ripple correction value (RCV) (0x51, 0x52) Equivalent to negative maximum ripple peak as a percentage of Vcc (MPR), scaled by the inverse of maximum ripple p-p as percentage of full-scale analog input to ADC. Represented as a 1.11 signed fractional number. 8.4.2 PSC3: correction normalization value (CNV) (0x53) Equivalent to 1 / (1+MPR) expressed as a 0.12 unsigned fractional number. D7 D6 D5 D4 D3 D2 D1 D0 RCV11 RCV10 RCV9 RCV8 RCV7 RCV6 RCV5 RCV4 00 00 00 00 D7 D6 D5 D4 D3 D2 D1 D0 RCV3 RCV2 RCV1 RCV0 CNV11 CNV10 CNV9 CNV8 00 00 11 11 D7 D6 D5 D4 D3 D2 D1 D0 CNV7 CNV6 CNV5 CNV4 CNV3 CNV2 CNV1 CNV0 11 11 11 11 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |