| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LX64EBCF4845 Datasheet(PDF) 51 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LX64EBCF4845 Datasheet(HTML) 51 Page - Lattice Semiconductor |
|
51 / 72 page ![]() Lattice Semiconductor ispGDX2 Family Data Sheet 51 ispGDX2-64 Power Supply and NC Connections 1 HSImA_TXDw, HSImB_ TXD w Internal Signal – Parallel data in bit w for sysHSI BLOCK m channel A, B. HSImA_RXDw, HSImB_ RXD w Internal Signal – Parallel data out bit w for sysHSI BLOCK m channel A, B. Source Synchronous Functions SS_SCLKIN0P, SS_SCLKIN1P Input – Positive sense clock input for Source Synchronous group A, B. SS_SCLKIN0N, SS_SCLKIN1N Input – Negative (minus) sense clock input for Source Synchronous group A, B. SS_CLKOUT0N, SS_CLKOUT1P Output – Positive sense clock output for Source Synchronous group A, B. SS_CLKOUT0N, SS_CLKOUT1N Output – Negative (minus) sense clock output for Source Synchronous group A, B. CAL Input – Initiates source synchronous calibration sequence. 1. m, w, x, y and z are variables. 2. Not on ispGDX2-64 Signal ispGDX2-64 (100-Ball fpBGA) 2 VCC A1, K10 VCCO0 J7 VCCO1 F10 VCCO2 E10 VCCO3 B7 VCCO4 B4 VCCO5 E1 VCCO6 F1 VCCO7 K4 VCCJ K1 VCCP0 G6 GNDP0 G5 GND A10, B9, C8, E6, E5, F6, F5, H3, J2 1. All grounds must be electrically connected at the board level. 2. Pin orientation A1 starts from the upper left corner of the top side view with alphabetical order ascending vertically and numerical order ascending horizontally. Signal Descriptions 1 (Continued) Signal Names Description |