| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LX64EBCF4845 Datasheet(PDF) 29 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LX64EBCF4845 Datasheet(HTML) 29 Page - Lattice Semiconductor |
|
29 / 72 page ![]() Lattice Semiconductor ispGDX2 Family Data Sheet 29 Timing Model The task of determining the timing through the ispGDX2 family is relatively simple. The timing model provided in Figure 18 shows the specific delay paths. Once the implementation of a given function is determined either con- ceptually or from the software report file, the delay path of the function can easily be determined from the timing model. The Lattice design tools report the timing delays based on the same timing model for a particular design. Note that the internal timing parameters are given for reference only, and are not tested. The external timing param- eters are tested and guaranteed for every device. Figure 18. ispGDX2 Timing Model Diagram (I/O Cell) GSR t INDIO IN OE Reg. S/R CE DQ t OPBYPASS t IPBYPASS t ROUTEGRP to GRP from GRP t PTSEL from GRP from Adjacent Cells (Output) t PTCLKEN t PTCLK from GRP t OEBYPASS t PTSR from GRP Output Delays t BUF t EN t DIS t IOO OUT t PTOE TOE path GOE path from GRP to Adjacent Cells (Input) t OPAC Italicized parameters are optional. Model Version 1.6.7 TOE/ GOE GSEL t MUXPD t MUXSEL t IOI t TOE_IN t GOE_IN t SR_IN t IOI t SEL_IN t IOI t IN t IOI to sysHSI/FIFO (SIN, Control, DIN, I/O Reset, SSCLKIN) to sysHSI (TXD) to Adjacent Cells (Output) to FIFO (REN) to FIFO (RCLK) t CLK_IN t IOI t CLKEN_IN GCLK/ GCLKEN t GCLK t PLL_DELAY t PLL_SEC_DELAY to sysHSI (REFCLK) to sysHSI/FIFO (Global Reset) from sysHSI (SSCLKOUT) t HSISSCLKOUT to FIFO (WCLK) to FIFO (WE) from sysHSI/FIFO (Flags) t HSIFIFOFLAG from sysHSI (SOUT) t HSISOUT from Adjacent Cells (Input) t IPAC from FIFO (DOUT) t FIFODATAOUT from sysHSI (RECCLK, SYDT) t HSIOUT from PLL (PLL Output) t PLLOUT Output Reg. Input Reg. S/R S/R CE CE D D Q Q |