Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6204A592PR Datasheet(PDF) 16 Page - Torex Semiconductor

No. de pieza XC6204A592PR
Descripción Electrónicos  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592PR Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6204A592PR Datasheet HTML 12Page - Torex Semiconductor XC6204A592PR Datasheet HTML 13Page - Torex Semiconductor XC6204A592PR Datasheet HTML 14Page - Torex Semiconductor XC6204A592PR Datasheet HTML 15Page - Torex Semiconductor XC6204A592PR Datasheet HTML 16Page - Torex Semiconductor XC6204A592PR Datasheet HTML 17Page - Torex Semiconductor XC6204A592PR Datasheet HTML 18Page - Torex Semiconductor XC6204A592PR Datasheet HTML 19Page - Torex Semiconductor XC6204A592PR Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
16/49
XC6204/XC6205 Series
SYMBOL
E-0
E-1
E-2
OUTPUT VOLTAGE
(V)
DROPOUT
VOLTAGE1 (mV)
IOUT=30mA
DROPOUT
VOLTAGE 2 (mV)
IOUT=100mA
Ta = 25
℃
VOUT
Vdif 1
Vdif 2
VOUT (T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
0.90
0.870
0.930
1050
1100
1150
1200
0.95
0.920
0.980
1050
1100
1150
1200
1.00
0.970
1.030
1000
1100
1050
1200
1.05
1.020
1.080
1000
1100
1050
1200
1.10
1.070
1.130
900
1000
950
1100
1.15
1.120
1.180
900
1000
950
1100
1.20
1.170
1.230
800
900
850
1000
1.25
1.220
1.280
800
900
850
1000
1.30
1.270
1.330
700
800
750
900
1.35
1.320
1.380
700
800
750
900
1.40
1.370
1.430
600
700
650
800
1.45
1.420
1.480
600
700
650
800
1.50
1.470
1.530
500
600
550
700
1.55
1.519
1.581
500
600
550
700
1.60
1.568
1.632
400
500
500
600
1.65
1.617
1.683
400
500
500
600
1.70
1.666
1.734
300
400
400
500
1.75
1.715
1.785
300
400
400
500
SYMBOL
S-1
S-2
S-3
SUPPLY CURRENT
(
μA)
PRODUCT SERIES
MIN.
MAX.
CE “H” CURRENT
(
μA)
CE “L” CURRENT
(
μA)
XC6205A
52.0
115.0
18.0
-0.1
XC6205B
42.0
95.0
0.1
-0.1
XC6205C
52.0
115.0
0.1
-18.0
XC6205D
42.0
95.0
0.1
-0.1
SYMBOL
E-5
E-4
INPUT VOLTAGE
(V)
MAXIMUM OUTPUT
CURRENT
(mA)
SPECIFIED
OUTPUT VOLTAGE
(V)
VIN
MIN.
0.90
∼0.95
2.5
260
1.00
∼1.05
2.5
260
1.10
∼1.15
2.6
270
1.20
∼1.25
2.7
290
1.30
∼1.35
2.8
1.40
∼1.45
2.9
1.50
∼1.75
3.0
300
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart (Continued)
XC6205 series
●Specification Chart by Series
●Specification & Condition by Series
* VOUT(T)=Specified output voltage
PARAMETER
SETTING
OUTPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com