Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6204A592PR Datasheet(PDF) 18 Page - Torex Semiconductor

No. de pieza XC6204A592PR
Descripción Electrónicos  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592PR Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6204A592PR Datasheet HTML 14Page - Torex Semiconductor XC6204A592PR Datasheet HTML 15Page - Torex Semiconductor XC6204A592PR Datasheet HTML 16Page - Torex Semiconductor XC6204A592PR Datasheet HTML 17Page - Torex Semiconductor XC6204A592PR Datasheet HTML 18Page - Torex Semiconductor XC6204A592PR Datasheet HTML 19Page - Torex Semiconductor XC6204A592PR Datasheet HTML 20Page - Torex Semiconductor XC6204A592PR Datasheet HTML 21Page - Torex Semiconductor XC6204A592PR Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
18/49
XC6204/XC6205 Series
<Current Limiter, Short-Circuit Protection>
The XC6204/05 series includes a combination of a fixed current limiter circuit & a foldback circuit, which aid the operations of
the current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter circuit
operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage
drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows. However, when
the input/output voltage differential is quite small, this current will be about 200mA.
<CE Pin>
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6204/05 series. In shutdown mode,
output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE pin is selectable
(please refer to the selection guide). Note that as the standard XC6204/05B type is ' High Active/No Pull Down', operations
will become unstable with the CE pin open. Although the CE pin is equal to an inverter input with CMOS hysteresis, with
either the pull-up or pull-down options, the CE pin input current will increase when the IC is in operation.
We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the
correct specifications for the CE pin, the operational logic is fixed and the IC will operate normally. However, supply current
may increase as a result of through current in the IC's internal circuitry if a voltage between 0.25V and 1.5V is input.
<Minimum Operating Voltage>
In order to stabilize the IC's operations, an input voltage of more than 2.0V is needed.
Should the input voltage be less
than 2.0V, the output voltage may not be regulated correctly.
(Please refer to Input Voltage vs. Output Voltage
characteristics below.)
① When VIN is less than 2.0V, the CE pin remains in stand-by mode.
When VIN rises above 2.0V, the power supply will turn ON.
② The input power supply will begin to rise after a few hundred msec.
(Please also refer to the transient response characteristics.)
○ Input Voltage vs. Output Voltage
○ Enable Response Time
○ Turn-ON Response Time
■OPERATIONAL EXPLANATION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com