Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M24C32FMB5TG Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza M24C32FMB5TG
Descripción Electrónicos  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32FMB5TG Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M24C32FMB5TG Datasheet HTML 16Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 17Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 18Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 19Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 20Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 21Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 22Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 23Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Device operation
M24128, M24C64, M24C32
20/39
4.11
Read operations
Read operations are performed independently of the state of the Write Control (WC) signal.
After the successful completion of a Read operation, the device’s internal address counter is
incremented by one, to point to the next byte address.
4.12
Random Address Read
A dummy Write is first performed to load the address into this address counter (as shown in
Figure 11) but without sending a Stop condition. Then, the bus master sends another Start
condition, and repeats the device select code, with the Read/Write bit (RW) set to 1. The
device acknowledges this, and outputs the contents of the addressed byte. The bus master
must not acknowledge the byte, and terminates the transfer with a Stop condition.
4.13
Current Address Read
For the Current Address Read operation, following a Start condition, the bus master only
sends a device select code with the Read/Write bit (RW) set to 1. The device acknowledges
this, and outputs the byte addressed by the internal address counter. The counter is then
incremented. The bus master terminates the transfer with a Stop condition, as shown in
Figure 11, without acknowledging the Byte.
4.14
Sequential Read
This operation can be used after a Current Address Read or a Random Address Read. The
bus master does acknowledge the data byte output, and sends additional clock pulses so
that the device continues to output the next byte in sequence. To terminate the stream of
bytes, the bus master must not acknowledge the last byte, and must generate a Stop
condition, as shown in Figure 11.
The output data comes from consecutive addresses, with the internal address counter
automatically incremented after each byte output. After the last memory address, the
address counter ‘rolls-over’, and the device continues to output data from memory address
00h.
4.15
Acknowledge in Read mode
For all Read commands, the device waits, after each byte read, for an acknowledgment
during the 9th bit time. If the bus master does not drive Serial Data (SDA) low during this
time, the device terminates the data transfer and switches to its Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com