Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M24C32FMB5TG Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza M24C32FMB5TG
Descripción Electrónicos  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32FMB5TG Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M24C32FMB5TG Datasheet HTML 19Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 20Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 21Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 22Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 23Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 24Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 25Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 26Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
M24128, M24C64, M24C32
DC and AC parameters
23/39
Table 12.
Input parameters
Symbol
Parameter
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
8
pF
CIN
Input capacitance (other pins)
6
pF
ZWCL
(1)
1.
Characterized only.
WC input impedance
VIN < 0.3VCC
50
200
k
Ω
ZWCH
(1)
WC input impedance
VIN > 0.7VCC
500
k
Ω
tNS
(1)
Pulse width ignored
(Input filter on SCL and SDA)
200
ns
Table 13.
DC characteristics (M24xxx-W, device grade 6)
Symbol
Parameter
Test condition
(in addition to those in Table 8)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E2, E1, E0)
VIN = VSS or VCC
device in Standby mode
± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
± 2
µA
ICC
Supply current (Read)
2.5 V < VCC < 5.5 V, fc = 400 kHz
2
mA
ICC0
Supply current (Write)
During tW, 2.5 V < VCC < 5.5 V
5(1)
1.
Characterized value, not tested in production.
mA
ICC1
Standby supply current
VIN = VSS or VCC,
VCC = 5.5 V
5µA
Standby supply current
VIN = VSS or VCC,
VCC = 2.5 V
2µA
VIL
Input low voltage (SDA,
SCL, WC)
–0.45
0.3VCC
V
VIH
Input high voltage (SDA,
SCL, WC)
0.7VCC VCC+0.6
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com