| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 353 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 353 Page - Renesas Technology Corp |
|
353 / 646 page ![]() Section 13 Compare Match Timer (CMT) Rev. 6.00 Jun. 12, 2007 Page 321 of 610 REJ09B0131-0600 13.5 Usage Notes 13.5.1 Conflict between Write and Compare-Match Processes of CMCNT When the compare match signal is generated in the T2 cycle while writing to CMCNT, clearing CMCNT has priority over writing to it. In this case, CMCNT is not written to. Figure 13.5 shows the timing to clear the CMCNT counter. Peripheral operating clock (P φ) Address Internal write Counter clear CMCNT T1 T2 N H'0000 CMCSR write cycle CMCNT Figure 13.5 Conflict between Write and Compare-Match Processes of CMCNT |