| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 75 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 75 Page - Renesas Technology Corp |
|
75 / 646 page ![]() Section 2 CPU Rev. 6.00 Jun. 12, 2007 Page 43 of 610 REJ09B0131-0600 Instruction Operation Code Execution Cycles T Bit SUBC Rm,Rn Rn-Rm–T → Rn, Borrow → T 0011nnnnmmmm1010 1 Borrow SUBV Rm,Rn Rn-Rm → Rn, Underflow → T 0011nnnnmmmm1011 1 Overflow Note: * Indicates the number of execution cycles for normal operation. The values in parentheses indicate the number of execution cycles when conflicts occur with the previous or next instruction. • Logic Operation Instructions Instruction Operation Code Execution Cycles T Bit AND Rm,Rn Rn & Rm → Rn 0010nnnnmmmm1001 1 AND #imm,R0 R0 & imm → R0 11001001iiiiiiii 1 AND.B #imm,@(R0,GBR) (R0 + GBR) & imm → (R0 + GBR) 11001101iiiiiiii 3 NOT Rm,Rn ~Rm → Rn 0110nnnnmmmm0111 1 OR Rm,Rn Rn | Rm → Rn 0010nnnnmmmm1011 1 OR #imm,R0 R0 | imm → R0 11001011iiiiiiii 1 OR.B #imm,@(R0,GBR) (R0 + GBR) | imm → (R0 + GBR) 11001111iiiiiiii 3 TAS.B @Rn If (Rn) is 0, 1 → T; 1 → MSB of (Rn) 0100nnnn00011011 4 Test result TST Rm,Rn Rn & Rm; if the result is 0, 1 → T 0010nnnnmmmm1000 1 Test result TST #imm,R0 R0 & imm; if the result is 0, 1 → T 11001000iiiiiiii 1 Test result TST.B #imm,@(R0,GBR) (R0 + GBR) & imm; if the result is 0, 1 → T 11001100iiiiiiii 3 Test result XOR Rm,Rn Rn ^ Rm → Rn 0010nnnnmmmm1010 1 XOR #imm,R0 R0 ^ imm → R0 11001010iiiiiiii 1 XOR.B #imm,@(R0,GBR) (R0 + GBR) ^ imm → (R0 + GBR) 11001110iiiiiiii 3 |