| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 31 Page - Renesas Technology Corp |
|
31 / 646 page ![]() Rev. 6.00 Jun. 12, 2007 Page xxxi of xxxii Table 14.6 Maximum Bit Rates with External Clock Input (Asynchronous Mode)............... 352 Table 14.7 Maximum Bit Rates with External Clock Input (Synchronous Mode) ................. 352 Table 14.8 SCSMR Settings and SCIF Communication Formats........................................... 363 Table 14.9 SCSMR and SCSCR Settings and SCIF Clock Source Selection......................... 363 Table 14.10 Serial Communication Formats (Asynchronous Mode).................................... 365 Table 14.11 SCIF Interrupt Sources ..................................................................................... 383 Section 15 Host Interface (HIF) Table 15.1 Pin Configuration.................................................................................................. 393 Table 15.2 HIF Operations ..................................................................................................... 394 Table 15.3 Memory Map ........................................................................................................ 409 Table 15.4 Consecutive Write Procedure to HIFRAM by External DMAC........................... 416 Table 15.5 Consecutive Read Procedure from HIFRAM by External DMAC....................... 417 Table 15.6 Input/Output Control for HIF Pins........................................................................ 420 Section 16 Pin Function Controller (PFC) Table 16.1 List of Multiplexed Pins (Port A) ......................................................................... 423 Table 16.2 List of Multiplexed Pins (Port B).......................................................................... 423 Table 16.3 List of Multiplexed Pins (Port C).......................................................................... 425 Table 16.4 List of Multiplexed Pins (Port D) ......................................................................... 425 Table 16.5 List of Multiplexed Pins (Port E).......................................................................... 426 Table 16.6 Pin Functions in Each Operating Mode ................................................................ 427 Section 17 I/O Ports Table 17.1 Port A Data Register H (PADRH) Read/Write Operation.................................... 458 Table 17.2 Port B Data Register L (PBDRL) Read/Write Operation ..................................... 460 Table 17.3 Port C Data Registers H and L (PCDRH and PCDRL) Read/Write Operation .... 463 Table 17.4 Port D Data Register L (PDDRL) Read/Write Operation..................................... 465 Table 17.5 Port E Data Registers H, L (PEDRH, PEDRL) Read/Write Operation ................ 468 Section 18 User Break Controller (UBC) Table 18.1 Data Access Cycle Addresses and Operand Size Comparison Conditions........... 485 Section 19 User Debugging Interface (H-UDI) Table 19.1 Pin Configuration.................................................................................................. 495 Table 19.2 H-UDI Commands................................................................................................ 497 Table 19.3 External pins and Boundary Scan Register Bits ................................................... 498 Table 19.4 Reset Configuration .............................................................................................. 505 Section 21 Electrical Characteristics Table 21.1 Absolute Maximum Ratings ................................................................................. 539 Table 21.2 Recommended Timing at Power-On..................................................................... 540 Table 21.3 Recommended Timing in Power-Off.................................................................... 541 |