| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 383 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 383 Page - Renesas Technology Corp |
|
383 / 646 page ![]() Section 14 Serial Communication Interface with FIFO (SCIF) Rev. 6.00 Jun. 12, 2007 Page 351 of 610 REJ09B0131-0600 Table 14.5 indicates the maximum bit rates in asynchronous mode when the baud rate generator is used. Tables 14.6 and 14.7 list the maximum rates for external clock input. Table 14.5 Maximum Bit Rates for Various Frequencies with Baud Rate Generator (Asynchronous Mode) Settings P φ (MHz) Maximum Bit Rate (bits/s) n N 5 156250 0 0 4.9152 153600 0 0 8 250000 0 0 9.8304 307200 0 0 12 375000 0 0 14.7456 460800 0 0 16 500000 0 0 19.6608 614400 0 0 20 625000 0 0 24 750000 0 0 24.576 768000 0 0 28.7 896875 0 0 30 937500 0 0 33 1031250 0 0 |