| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 410 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 410 Page - Renesas Technology Corp |
|
410 / 646 page ![]() Section 14 Serial Communication Interface with FIFO (SCIF) Rev. 6.00 Jun. 12, 2007 Page 378 of 610 REJ09B0131-0600 Transmitting Serial Data (Synchronous Mode): Figure 14.13 shows a sample flowchart for transmitting serial data. Start of transmission Read TDFE flag in SCFSR TDFE = 1? Write transmit data to SCFTDR Read TDFE and TEND flags in SCFSR while they are 1, then clear them to 0 All data transmitted? Read TEND flag in SCFSR TEND = 1? Clear TE bit in SCSCR to 0 End of transmission No Yes No Yes No Yes [1] SCIF status check and transmit data write: Read SCFSR and check that the TDFE flag is set to 1, then write transmit data to SCFTDR. Read the TDFE and TEND flags while they are 1, then clear them to 0. [2] Serial transmission continuation procedeure: To continue serial transmission, read 1 from the TDFE flag to confirm that writing is possible, them write data to SCFTDR, and then clear the TDFE flag to 0. [1] [2] Figure 14.13 Sample Flowchart for Transmitting Serial Data |