| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 452 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 452 Page - Renesas Technology Corp |
|
452 / 646 page ![]() Section 15 Host Interface (HIF) Rev. 6.00 Jun. 12, 2007 Page 420 of 610 REJ09B0131-0600 Table 15.6 Input/Output Control for HIF Pins LSI Status Reset State by RES Pin Reset Canceled by RES Pin HIFMD input level High (Boot setting) Low (Non-boot setting) High (After the reset canceled by boot setting) Low (After the reset canceled by non-boot setting) HIFEBL input level Low High The HIFEBL pin is a general input port and the HIF is not controlled by the signal input on this pin. Low High General input port at the initial state * 1 HIFRDY output control Output buffer: On (Low output) Output buffer: On (Low output) General input port Output buffer: Off Output buffer: On (Sequence output) General input port at the initial state* 2 HIFINT output control Output buffer: Off Output buffer: Off General input port Output buffer: Off Output buffer: On (Sequence output) General input port at the initial state* 2 HIFDREQ output control Output buffer: Off Output buffer: Off General input port Output buffer: Off Output buffer: On (Sequence output) General input port at the initial state* 2 HIFD 15 to HIFD0 I/O control I/O buffer: Off I/O buffer: Off General input port I/O buffer: Off I/O buffer controlled according to states of HIFCS, HIFWR, and HIFRD General input port at the initial state* 2 HIFCS input control Input buffer: Off Input buffer: Off General input port Input buffer: Off Input buffer: On General input port at the initial state* 2 HIFRS input control Input buffer: Off Input buffer: Off General input port Input buffer: Off Input buffer: On General input port at the initial state* 2 |