| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 641 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 641 Page - Renesas Technology Corp |
|
641 / 646 page ![]() Rev. 6.00 Jun. 12, 2007 Page 609 of 610 REJ09B0131-0600 TDFAR ....................... 281, 514, 527, 537 TDLAR....................... 264, 514, 525, 537 TFTR .......................... 275, 514, 526, 537 TLFRCR ..................... 244, 515, 530, 538 TPAUSER .................. 246, 515, 531, 538 TRIMD ....................... 282, 514, 527, 537 TROCR....................... 241, 514, 529, 537 TRSCER ..................... 273, 514, 526, 537 TSFRCR ..................... 243, 515, 530, 537 WTCNT...................... 209, 511, 519, 534 WTCSR ...................... 209, 511, 519, 534 Register data format.................................. 24 Relationship between refresh requests and bus cycles................................................ 177 Reset ......................................................... 69 RISC-type ................................................. 25 S SCIF Initialization (Asynchronous Mode) ................................................................ 366 SCIF initialization (synchronous mode) . 376 SDRAM direct connection ..................... 153 SDRAM interface ................................... 153 Searching cache ........................................ 54 Self-refreshing ........................................ 176 Serial communication interface with FIFO (SCIF) ..................................................... 325 Shift instructions....................................... 44 Single read .............................................. 164 Single Write............................................ 167 Sleep mode ............................................. 222 Software standby mode........................... 223 Stack states after exception handling ends........................................................... 77 State transition .......................................... 47 Synchronous mode ................................. 375 System control instructions....................... 45 System registers ........................................ 22 T TAP controller ........................................ 504 Transmit descriptor 0 (TD0) ................... 284 Transmit descriptor 1 (TD1) ................... 286 Transmit descriptor 2 (TD2) ................... 286 Transmitting and receiving serial data simultaneously (synchronous mode)....... 382 Transmitting serial data (asynchronous mode) .............................. 368 Transmitting serial data (synchronous mode)................................ 378 Trap instructions ....................................... 74 Types of exception handling and priority ...................................................... 65 Types of exceptions triggered by instructions................................................ 74 Types of power-down modes.................. 215 U U memory ................................................. 63 User break controller (UBC)................... 471 User break interrupt .................................. 97 User debugging interface (H-UDI) ......... 493 W Wait between access cycles .................... 190 Watchdog timer (WDT).......................... 207 Write access .............................................. 56 Write-back buffer...................................... 57 |