Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 134 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 130Page - Renesas Technology Corp HD6417618A Datasheet HTML 131Page - Renesas Technology Corp HD6417618A Datasheet HTML 132Page - Renesas Technology Corp HD6417618A Datasheet HTML 133Page - Renesas Technology Corp HD6417618A Datasheet HTML 134Page - Renesas Technology Corp HD6417618A Datasheet HTML 135Page - Renesas Technology Corp HD6417618A Datasheet HTML 136Page - Renesas Technology Corp HD6417618A Datasheet HTML 137Page - Renesas Technology Corp HD6417618A Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 646 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 6.00 Jun. 12, 2007 Page 102 of 610
REJ09B0131-0600
6.6.2
Stack after Interrupt Exception Handling
Figure 6.4 shows the stack after interrupt exception handling.
32 bits
32 bits
PC*1
SR
Address
4n – 8
4n – 4
4n
SP*2
Notes: 1. PC is the start address of the next instruction (instruction at the return address) after the executed
instruction.
2. Always make sure that SP is a multiple of 4
Figure 6.4 Stack after Interrupt Exception Handling
6.7
Interrupt Response Time
Table 6.3 lists the interrupt response time, which is the time from the occurrence of an interrupt
request until the interrupt exception handling starts and fetching of the first instruction of the
interrupt handling routine begins. Figure 6.5 shows an example of the pipeline operation when an
IRQ interrupt is accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More