Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 162 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 158Page - Renesas Technology Corp HD6417618A Datasheet HTML 159Page - Renesas Technology Corp HD6417618A Datasheet HTML 160Page - Renesas Technology Corp HD6417618A Datasheet HTML 161Page - Renesas Technology Corp HD6417618A Datasheet HTML 162Page - Renesas Technology Corp HD6417618A Datasheet HTML 163Page - Renesas Technology Corp HD6417618A Datasheet HTML 164Page - Renesas Technology Corp HD6417618A Datasheet HTML 165Page - Renesas Technology Corp HD6417618A Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 130 of 610
REJ09B0131-0600
SDRAM:
• CS3WCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 15
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
14
13
WTRP1
WTRP0
0
0
R/W
R/W
Wait Cycle Number for Precharge Completion
Specify the number of minimum wait cycles inserted to
wait for the completion of precharge in the following
cases.
• From the start of auto-precharge to the issuing of the
ACTV command for the same bank.
• From the issuing of the PRE/PALL command to the
issuing of the ACTV command for the same bank.
• From the issuing of the PALL command during
auto-refreshing to the issuing of the REF command.
• From the issuing of the PALL command during
self-refreshing to the issuing of the SELF command.
00: 0 cycle (no wait cycle)
01: 1 cycle
10: 2 cycles
11: 3 cycles
12
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
11
10
WTRCD1
WTRCD0
0
1
R/W
R/W
Wait Cycle Number from ACTV Command to
READ(A)/WRIT(A) Command
Specify the number of minimum wait cycles from issuing
the ACTV command to issuing the READ(A)/WRIT(A)
command.
00: 0 cycle (no wait cycle)
01: 1 cycle
10: 2 cycles
11: 3 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More