Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 179 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 175Page - Renesas Technology Corp HD6417618A Datasheet HTML 176Page - Renesas Technology Corp HD6417618A Datasheet HTML 177Page - Renesas Technology Corp HD6417618A Datasheet HTML 178Page - Renesas Technology Corp HD6417618A Datasheet HTML 179Page - Renesas Technology Corp HD6417618A Datasheet HTML 180Page - Renesas Technology Corp HD6417618A Datasheet HTML 181Page - Renesas Technology Corp HD6417618A Datasheet HTML 182Page - Renesas Technology Corp HD6417618A Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 147 of 610
REJ09B0131-0600
When buffers are placed on the data bus, the
RD signal should be used to control the buffers. The
RD/
WR signal indicates the same state as a read cycle (driven high) when no access has been
carried out. Therefore, care must be taken when controlling the buffers with the RD/
WR signal, to
avoid data conflict.
Figures 7.4 and 7.5 show the basic timings of normal space consecutive access. If the WM bit in
CSnWCR is cleared to 0, a Tnop cycle is inserted to check the external wait (figure 7.4). If the
WM bit in CSnWCR is set to 1, an external wait request is ignored and no Tnop cycle is inserted
(figure 7.5).
CKIO
A25 to A0
RD
RD/
WR
D15 to D0
WEn(BEn)
D15 to D0
BS
WAIT
CSn
T1
T2
Tnop
T1
T2
Read
Write
Figure 7.4 Consecutive Access to Normal Space (1): Bus Width = 16 bits,
Longword Access, CSnWCR.WM = 0 (Access Wait = 0, Cycle Wait = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More