Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618A Datasheet(PDF) 218 Page - Renesas Technology Corp

No. de pieza HD6417618A
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 214Page - Renesas Technology Corp HD6417618A Datasheet HTML 215Page - Renesas Technology Corp HD6417618A Datasheet HTML 216Page - Renesas Technology Corp HD6417618A Datasheet HTML 217Page - Renesas Technology Corp HD6417618A Datasheet HTML 218Page - Renesas Technology Corp HD6417618A Datasheet HTML 219Page - Renesas Technology Corp HD6417618A Datasheet HTML 220Page - Renesas Technology Corp HD6417618A Datasheet HTML 221Page - Renesas Technology Corp HD6417618A Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 186 of 610
REJ09B0131-0600
Tpcm1w
CKIO
A25 to A0
CExx
RD/
WR
RD
D15 to D0
WE
D15 to D0
BS
Read
Write
Tpcm2
Tpcm0
Tpcm1
Tpcm1w
Tpcm0w
Tpcm2w
Tpcm1w
Tpcm1w
WAIT
Figure 7.32 Wait Timing for PCMCIA Memory Card Interface
(TED[3:0] = B'0010, TEH[3:0] = B'0001, Software Wait = 1, Hardware Wait = 1)
When 32 Mbytes of the memory space are used as an IC memory card interface, a port is used to
generate the
REG signal that switches between the common memory and attribute memory. When
the memory space used for the IC memory card interface is 16 Mbytes or less, pin A24 can be
used as the
REG signal by allocating a 16-Mbyte common memory space and a 16-Mbyte attribute
memory space alternatively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More