| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618A Datasheet(PDF) 328 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618A Datasheet(HTML) 328 Page - Renesas Technology Corp |
|
328 / 646 page ![]() Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC) Rev. 6.00 Jun. 12, 2007 Page 296 of 610 REJ09B0131-0600 Multi-Buffer Frame Receive Processing If an error occurs during multi-buffer frame reception, the processing shown in figure 12.7 is carried out by the E-DMAC. Where the receive descriptor is shown as inactive (RACT bit = 0) in the figure, buffer data has already been received normally, and where the receive descriptor is shown as active (RACT bit = 1), this indicates a buffer for which reception has not yet been performed. If a frame receive error occurs in the first descriptor part where the RACT bit = 1 in the figure, reception is halted immediately and a status write-back to the descriptor is performed. If error interrupts are enabled in the EtherC/E-DMAC status interrupt permission register (EESIPR), an interrupt is generated immediately after the write-back. If there is a new frame receive request, reception is continued from the buffer after that in which the error occurred. E-DMAC Inactivates RACT and writes RFE, RFS Descriptor read Write-back Descriptors Buffer Received data Unreceived data Receive error occurrence Start of frame New frame reception continues from buffer 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 R A C T R D L E R F P 1 R F P 0 Figure 12.7 E-DMAC Operation after Receive Error |