| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M32C/8B Datasheet(PDF) 189 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 189 Page - Renesas Technology Corp |
|
189 / 406 page ![]() Under development M32C/8B Group 15. Timer B Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 172 of 385 Table 15.8 TBiIN Pin Settings (i = 0 to 5) NOTE: 1. Set the PD9 or PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do not generate an interrupt or a DMA or DMACII transfer between these two instructions. Port Function Bit Setting PD7, PD9(1) Registers PS1, PS3(1) Registers P7_1 TB5IN PD7_1 = 0 PS1_1 = 0 P9_0 TB0IN PD9_0 = 0 PS3_0 = 0 P9_1 TB1IN PD9_1 = 0 PS3_1 = 0 P9_2 TB2IN PD9_2 = 0 PS3_2 = 0 P9_3 TB3IN PD9_3 = 0 PS3_3 = 0 P9_4 TB4IN PD9_4 = 0 PS3_4 = 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |