| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M32C/8B Datasheet(PDF) 263 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 263 Page - Renesas Technology Corp |
|
263 / 406 page ![]() Under development M32C/8B Group 17. Serial Interfaces Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 246 of 385 Table 17.19 Pin Settings in SIM Mode NOTES: 1. Set registers PS0, PS1, and PS3 after setting the other registers. 2. Set the PD9 or PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do not generate an interrupt or a DMA or DMACII transfer between these two instructions. 3. P7_0 is an N-channel open drain output port. Port Function Bit Setting PD6, PD7, PD9 Registers(2) PSC Register PSL0, PSL1, PSL3 Registers PS0, PS1, PS3 Registers(1)(2) P6_2 RXD0 input PD6_2 = 0 −− PS0_2 = 0 P6_3 TXD0 output −− PSL0_3 = 0 PS0_3 = 1 P6_6 RXD1 input PD6_6 = 0 −− PS0_6 = 0 P6_7 TXD1 output −− PSL0_7 = 0 PS0_7 = 1 P7_0(3) TXD2 output − PSC_0 = 0 PSL1_0 = 0 PS1_0 = 1 P7_1 RXD2 input PD7_1 = 0 −− PS1_1 = 0 P9_1 RXD3 input PD9_1 = 0 −− PS3_1 = 0 P9_2 TXD3 output −− PSL3_2 = 0 PS3_2 = 1 P9_6 TXD4 output −− − PS3_6 = 1 P9_7 RXD4 input PD9_7 = 0 −− PS3_7 = 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |