| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 497 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 497 Page - Renesas Technology Corp |
|
497 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 445 of 1102 REJ09B0294-0100 (7) P11/RxD2/ TEND0-A/IRQ1-A The pin function is switched as shown below according to the combination of the DMAC register setting and P11DDR bit setting. Setting DMAC I/O Port Module Name Pin Function TEND0A_OE P11DDR DMAC TEND0-A output 1 I/O port P11 output 0 1 P11 input (initial setting) 0 0 (8) P10/TxD2/ DREQ0-A/IRQ0-A: The pin function is switched as shown below according to the combination of the SCI register setting and P10DDR bit setting. Setting SCI I/O Port Module Name Pin Function TxD2_OE P10DDR SCI TxD2 output 1 P10 output 0 1 I/O port P10 input (initial setting) 0 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |