| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 499 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 499 Page - Renesas Technology Corp |
|
499 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 447 of 1102 REJ09B0294-0100 (3) P25/PO5/TIOCA4/TMCI1/RxD1 The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P25DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCA4_OE PO5_OE P25DDR TPU TIOCA4 output 1 PPG PO5 output 0 1 P25 output 0 0 1 I/O port P25 input (initial setting) 0 0 0 (4) P24/PO4/TIOCA4/TIOCB4/TMRI1/SCK1 The pin function is switched as shown below according to the combination of the TPU, SCI, and PPG register settings and P24DDR bit setting. Setting TPU SCI PPG I/O Port Module Name Pin Function TIOCB4_OE SCK1_OE PO4_OE P24DDR TPU TIOCB4 output 1 SCI SCK1 output 0 1 PPG PO4 output 0 0 1 P24 output 0 0 0 1 I/O port P24 input (initial setting) 0 0 0 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |