| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 498 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 498 Page - Renesas Technology Corp |
|
498 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 446 of 1102 REJ09B0294-0100 9.2.2 Port 2 (1) P27/PO7/TIOCA5/TIOCB5 The pin function is switched as shown below according to the combination of the TPU and PPG register settings and P27DDR bit setting. Setting TPU PPG I/O Port Module Name Pin Function TIOCB5_OE PO7_OE P27DDR TPU TIOCB5 output 1 — — PPG PO7 output 0 1 — P27 output 0 0 1 I/O port P27 input (initial setting) 0 0 0 (2) P26/PO6/TIOCA5/TMO1/TxD1 The pin function is switched as shown below according to the combination of the TPU, TMR, SCI, and PPG register settings and P26DDR bit setting. Setting TPU TMR SCI PPG I/O Port Module Name Pin Function TIOCA5_OE TMO1_OE TxD1_OE PO6_OE P26DDR TPU TIOCA5 output 1 TMR TMO1 output 0 1 SCI TxD1 output 0 0 1 PPG PO6 output 0 0 0 1 P26 output 0 0 0 0 1 I/O port P26 input (initial setting) 0 0 0 0 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |