| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8SX1663 Datasheet(PDF) 503 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Datasheet(HTML) 503 Page - Renesas Technology Corp |
|
503 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 451 of 1102 REJ09B0294-0100 (3) P35/PO13/TIOCA1/TIOCB1/TCLKC-A/ DACK1-B The pin function is switched as shown below according to the combination of the DMAC, TPU, and PPG register settings and P35DDR bit setting. Setting DMAC TPU PPG I/O Port Module Name Pin Function DACK1B_OE TIOCB1_OE PO13_OE P35DDR DMAC DACK1-B output 1 TPU TIOCB1 output 0 1 PPG PO13 output 0 0 1 P35 output 0 0 0 1 I/O port P35 input (initial setting) 0 0 0 0 (4) P34/PO12/TIOCA1/ TEND1-B The pin function is switched as shown below according to the combination of the DMAC, TPU, and PPG register settings and P34DDR bit setting. Setting DMAC TPU PPG I/O Port Module Name Pin Function TEND1B_OE TIOCA1_OE PO12_OE P34DDR DMAC TEND1-B output 1 TPU TIOCA1 output 0 1 PPG PO12 output 0 0 1 P34 output 0 0 0 1 I/O port P34 input (initial setting) 0 0 0 0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |