| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 164 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 164 Page - Renesas Technology Corp |
|
164 / 1302 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 136 of 1270 REJ09B0466-0100 Yes Program execution status Interrupt generated? NMI Level 6 interrupt? Mask level 5 or below? Level 7 interrupt? Mask level 6 or below? Save PC, CCR, and EXR Clear T bit to 0 Update mask level Read vector address Branch to interrupt handling routine Hold pending Level 1 interrupt? Mask level 0? Yes Yes No Yes Yes Yes No Yes Yes No No No No No No Figure 5.4 Flowchart of Procedure Up to Interrupt Acceptance in Interrupt Control Mode 2 |