Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 168 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 164Page - Renesas Technology Corp H8S/2426 Datasheet HTML 165Page - Renesas Technology Corp H8S/2426 Datasheet HTML 166Page - Renesas Technology Corp H8S/2426 Datasheet HTML 167Page - Renesas Technology Corp H8S/2426 Datasheet HTML 168Page - Renesas Technology Corp H8S/2426 Datasheet HTML 169Page - Renesas Technology Corp H8S/2426 Datasheet HTML 170Page - Renesas Technology Corp H8S/2426 Datasheet HTML 171Page - Renesas Technology Corp H8S/2426 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 140 of 1270
REJ09B0466-0100
Table 5.5
Number of States in Interrupt Handling Routine Execution Statuses
Object of Access
External Device
8 Bit Bus
16 Bit Bus
Symbol
Internal
Memory
2-State
Access
3-State
Access
2-State
Access
3-State
Access
Instruction fetch S
I
1
4
6+2m
2
3+m
Branch address read S
J
Stack manipulation S
K
Legend:
m: Number of wait states in an external device access.
5.6.5
DTC and DMAC Activation by Interrupt
The DTC and DMAC can be activated by an interrupt. In this case, the following options are
available:
• Interrupt request to CPU
• Activation request to DTC
• Activation request to DMAC
• Selection of a number of the above
For details of interrupt requests that can be used to activate the DTC and DMAC, see table 5.2 and
section 9, Data Transfer Controller (DTC) and section 7, DMA Controller (DMAC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More