| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 240 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 240 Page - Renesas Technology Corp |
|
240 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 212 of 1270 REJ09B0466-0100 6.6.6 Wait Control (1) Address Cycle A single address wait cycle Tmaw can be inserted between Tma1 and Tma2 cycles by setting the ADDEX bit in MPXCR to 1. Figure 6.29 shows the access timing when the address cycle is three cycles. D15 to D8 D7 to D0 D15 to D8 D7 to D0 CSn AH RD HWR LWR Tma1 Tmaw Tma2 T1 T2 Address cycle Data cycle φ Address bus Write Read Address Address Read data Write data Notes: 1. n = 6, 7 2. When RDNn = 0 Address Address Figure 6.29 Example of Access Timing with Address Wait |