Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 241 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 237Page - Renesas Technology Corp H8S/2426 Datasheet HTML 238Page - Renesas Technology Corp H8S/2426 Datasheet HTML 239Page - Renesas Technology Corp H8S/2426 Datasheet HTML 240Page - Renesas Technology Corp H8S/2426 Datasheet HTML 241Page - Renesas Technology Corp H8S/2426 Datasheet HTML 242Page - Renesas Technology Corp H8S/2426 Datasheet HTML 243Page - Renesas Technology Corp H8S/2426 Datasheet HTML 244Page - Renesas Technology Corp H8S/2426 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 213 of 1270
REJ09B0466-0100
(2) Data Cycle
In the data cycle, program wait insertion and pin wait insertion by the
WAIT pin are enabled in the
same way as in the basic bus interface. For details, refer to section 6.5.4, Wait Control. Wait
control settings do not affect the address cycles.
6.6.7
Read Strobe (
RD) Timing
In the address/data multiplexed I/O interface, the read strobe timing of data cycles can be modified
in the same way as in the basic bus interface. For details, refer to section 6.5.5, Read Strobe (
RD)
Timing. Figure 6.30 shows an example when the read strobe timing is modified.
D15 to D8
D15 to D8
RDNn = 0
RDNn = 1
CSn
AH
RD
RD
Tma1
T1
T2
Tma2
Address cycle
Data cycle
φ
Address bus
Address
Address
Read
data
Note: n = 6, 7
Read
data
Figure 6.30 Example of Read Strobe Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More