Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 248 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 244Page - Renesas Technology Corp H8S/2426 Datasheet HTML 245Page - Renesas Technology Corp H8S/2426 Datasheet HTML 246Page - Renesas Technology Corp H8S/2426 Datasheet HTML 247Page - Renesas Technology Corp H8S/2426 Datasheet HTML 248Page - Renesas Technology Corp H8S/2426 Datasheet HTML 249Page - Renesas Technology Corp H8S/2426 Datasheet HTML 250Page - Renesas Technology Corp H8S/2426 Datasheet HTML 251Page - Renesas Technology Corp H8S/2426 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 220 of 1270
REJ09B0466-0100
When DRAM space is accessed, the
RD signal is output as the OE signal for DRAM. When
connecting DRAM provided with an EDO page mode, the
OE signal should be connected to the
(
OE) pin of the DRAM. Setting the OEE bit to 1 in DRAMCR enables the OE signal for DRAM
space to be output from a dedicated
OE pin. In this case, the OE signal for DRAM space is output
from both the
RD pin and the (OE) pin, but in external read cycles for other than DRAM space,
the signal is output only from the
RD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More