| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 250 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 250 Page - Renesas Technology Corp |
|
250 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 222 of 1270 REJ09B0466-0100 6.7.7 Row Address Output State Control If the RAST bit is set to 1 in DRAMCR, the RAS signal goes low from the beginning of the T r state, and the row address hold time and DRAM read access time are changed relative to the fall of the RAS signal. Use the optimum setting according to the DRAM connected and the operating frequency of this LSI. Figure 6.35 shows an example of the timing when the RAS signal goes low from the beginning of the T r state. Tp RASn (CSn) Read Write UCAS, LCAS WE (HWR) OE (RD) Data bus WE (HWR) OE (RD) Data bus Address bus φ Tr Tc1 Tc2 Row address Column address High High Note: n = 2 to 5 Figure 6.35 Example of Access Timing when RAS Signal Goes Low from Beginning of T r State (CAST = 0) |