| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 218 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 218 Page - Renesas Technology Corp |
|
218 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 190 of 1270 REJ09B0466-0100 6.5.3 Basic Timing (1) 8-Bit, 2-State Access Space Figure 6.10 shows the bus timing for an 8-bit, 2-state access space. When an 8-bit access space is accessed, the upper half (D15 to D8) of the data bus is used. The LWR pin is always fixed high. Wait states can be inserted. Bus cycle T1 T2 Address bus φ CSn AS RD D15 to D8 Valid D7 to D0 Invalid Read HWR LWR D15 to D8 Valid D7 to D0 High impedance Write High Notes: 1. n = 0 to 7 2. When RDNn = 0 Figure 6.10 Bus Timing for 8-Bit, 2-State Access Space |