Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2424 Datasheet(PDF) 219 Page - Renesas Technology Corp

No. de pieza H8S/2424
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 215Page - Renesas Technology Corp H8S/2424 Datasheet HTML 216Page - Renesas Technology Corp H8S/2424 Datasheet HTML 217Page - Renesas Technology Corp H8S/2424 Datasheet HTML 218Page - Renesas Technology Corp H8S/2424 Datasheet HTML 219Page - Renesas Technology Corp H8S/2424 Datasheet HTML 220Page - Renesas Technology Corp H8S/2424 Datasheet HTML 221Page - Renesas Technology Corp H8S/2424 Datasheet HTML 222Page - Renesas Technology Corp H8S/2424 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 191 of 1270
REJ09B0466-0100
(2) 8-Bit, 3-State Access Space
Figure 6.11 shows the bus timing for an 8-bit, 3-state access space. When an 8-bit access space is
accessed, the upper half (D15 to D8) of the data bus is used. The
LWR pin is always fixed high.
Wait states can be inserted.
Bus cycle
T1
T2
Address bus
φ
CSn
AS
RD
D15 to D8
Valid
D7 to D0
Invalid
Read
HWR
LWR
D15 to D8
Valid
D7 to D0
Write
High
T3
High impedance
Notes: 1. n = 0 to 7
2. When RDNn = 0
Figure 6.11 Bus Timing for 8-Bit, 3-State Access Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More