| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 223 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 223 Page - Renesas Technology Corp |
|
223 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 195 of 1270 REJ09B0466-0100 (4) 16-Bit, 3-State Access Space Figures 6.15 to 6.17 show bus timings for a 16-bit, 3-state access space. When a 16-bit access space is accessed, the upper half (D15 to D8) of the data bus is used for even addresses, and the lower half (D7 to D0) for odd addresses. Wait states can be inserted. Bus cycle T1 T2 Address bus φ CSn AS RD D15 to D8 Valid D7 to D0 Invalid Read HWR LWR D15 to D8 Valid D7 to D0 Write High T3 High impedance Notes: 1. n = 0 to 7 2. When RDNn = 0 Figure 6.15 Bus Timing for 16-Bit, 3-State Access Space (Even Address Byte Access) |