| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 241 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 241 Page - Renesas Technology Corp |
|
241 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 213 of 1270 REJ09B0466-0100 (2) Data Cycle In the data cycle, program wait insertion and pin wait insertion by the WAIT pin are enabled in the same way as in the basic bus interface. For details, refer to section 6.5.4, Wait Control. Wait control settings do not affect the address cycles. 6.6.7 Read Strobe ( RD) Timing In the address/data multiplexed I/O interface, the read strobe timing of data cycles can be modified in the same way as in the basic bus interface. For details, refer to section 6.5.5, Read Strobe ( RD) Timing. Figure 6.30 shows an example when the read strobe timing is modified. D15 to D8 D15 to D8 RDNn = 0 RDNn = 1 CSn AH RD RD Tma1 T1 T2 Tma2 Address cycle Data cycle φ Address bus Address Address Read data Note: n = 6, 7 Read data Figure 6.30 Example of Read Strobe Timing |