| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 242 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 242 Page - Renesas Technology Corp |
|
242 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 214 of 1270 REJ09B0466-0100 6.6.8 Extension of Chip Select ( CS) Assertion Period in Data Cycle In the address/data multiplexed I/O interface, extension cycles can be inserted before and after the data cycle. For details, see section 6.5.6, Extension of Chip Select ( CS) Assertion Period. Figure 6.31 shows an example of the timing when the chip select assertion period is extended in the data cycle. CSn HWR LWR AH RD D15 to D8 D7 to D0 D15 to D8 D7 to D0 Tma1 Th T1 T2 Tt Tma2 Address cycle Data cycle φ Address bus Write Read Address Address Read data Write data Notes: 1. n = 6, 7 2. When RDNn = 0 Address Address Read data Write data Figure 6.31 Example of Timing when Chip Select Assertion Period Is Extended in Data Cycle |