Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 364 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 360Page - Renesas Technology Corp H8S/2111B Datasheet HTML 361Page - Renesas Technology Corp H8S/2111B Datasheet HTML 362Page - Renesas Technology Corp H8S/2111B Datasheet HTML 363Page - Renesas Technology Corp H8S/2111B Datasheet HTML 364Page - Renesas Technology Corp H8S/2111B Datasheet HTML 365Page - Renesas Technology Corp H8S/2111B Datasheet HTML 366Page - Renesas Technology Corp H8S/2111B Datasheet HTML 367Page - Renesas Technology Corp H8S/2111B Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 582 page
background image
Rev. 1.00, 05/04, page 330 of 544
10. When the stop condition is detected, that is, when SDA is changed from low to high when SCL
is high, the BBSY flag in ICCR is cleared to 0 and the STOP flag in ICSR is set to 1. When the
STOPIM bit in ICXR is 0, the IRIC flag is set to 1. If the IRIC flag has been set, it is cleared
to 0.
SDA
(master output)
SDA
(slave output)
2
1
2
1
4
36
58
79
9
8
Bit 7
Bit 6
Bit 5
Bit 7
Bit 6
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ICDRE
ICDR
IRIC
SCL
(master output)
Slave receive mode
Slave transmit mode
[3] ICDR write
User processing
Data 1
Data 1
Data 2
Data 2
A
R/
W
A
[4]
[3] IRIC clear
[3] IRIC clear
[5] IRIC clear
[5] ICDR write
[2]
Figure 13.24 Example of Slave Transmit Mode Operation Timing
(MLS = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com