Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 362 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 358Page - Renesas Technology Corp H8S/2111B Datasheet HTML 359Page - Renesas Technology Corp H8S/2111B Datasheet HTML 360Page - Renesas Technology Corp H8S/2111B Datasheet HTML 361Page - Renesas Technology Corp H8S/2111B Datasheet HTML 362Page - Renesas Technology Corp H8S/2111B Datasheet HTML 363Page - Renesas Technology Corp H8S/2111B Datasheet HTML 364Page - Renesas Technology Corp H8S/2111B Datasheet HTML 365Page - Renesas Technology Corp H8S/2111B Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 582 page
background image
Rev. 1.00, 05/04, page 328 of 544
13.4.6
Slave Transmit Operation
If the slave address matches to the address in the first frame (address reception frame) following
the start condition detection when the 8th bit data (R/
W) is 1 (read), the TRS bit in ICCR is
automatically set to 1 and the mode changes to slave transmit mode.
Figure 13.23 shows the sample flowchart for the operations in slave transmit mode.
End
Write transmit data in ICDR
Clear IRIC in ICCR
Clear IRIC in ICCR
Clear ACKE to 0 in ICCR
(ACKB=0 clear)
Clear IRIC in ICCR
Read IRIC in ICCR
Read ACKB in ICSR
Set TRS = 0 in ICCR
Read ICDR
Read IRIC in ICCR
IRIC = 1?
Yes
Yes
No
No
IRIC = 1?
Yes
No
[1], [2] If the slave address matches to the address in the first frame
following the start condition detection and the R/
W bit is 1
in slave recieve mode, the mode changes to slave transmit mode.
[8] Set slave receive mode.
[6] Read IRIC in ICCR
[7] Clear acknowledge bit data
[9] Dummy read (to release the SCL line).
[10]
Wait for stop condition
[3], [5] Set transmit data for the second and subsequent bytes.
[3], [4] Wait for 1 byte to be transmitted.
[4] Determine end of transfer.
Slave transmit mode
End
of transmission
(ACKB = 1)?
Clear IRIC in ICCR
Figure 13.23 Sample Flowchart for Slave Transmit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com