Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 421 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 417Page - Renesas Technology Corp H8S/2111B Datasheet HTML 418Page - Renesas Technology Corp H8S/2111B Datasheet HTML 419Page - Renesas Technology Corp H8S/2111B Datasheet HTML 420Page - Renesas Technology Corp H8S/2111B Datasheet HTML 421Page - Renesas Technology Corp H8S/2111B Datasheet HTML 422Page - Renesas Technology Corp H8S/2111B Datasheet HTML 423Page - Renesas Technology Corp H8S/2111B Datasheet HTML 424Page - Renesas Technology Corp H8S/2111B Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 582 page
background image
Rev. 1.00, 05/04, page 387 of 544
15.3.8
SERIRQ Control Registers 0 and 1 (SIRQCR0, SIRQCR1)
The SIRQCR registers contain status bits that indicate the SERIRQ operating mode and bits that
specify SERIRQ interrupt sources.
• SIRQCR0
R/W
Bit
Bit Name
Initial
Value Slave Host
Description
7
Q/
C
0
R
—
Quiet/Continuous Mode Flag
Indicates the mode specified by the host at the end of
an SERIRQ transfer cycle (stop frame).
0: Continuous mode
[Clearing conditions]
• LPC hardware reset, LPC software reset
• Specification by SERIRQ transfer cycle stop frame
1: Quiet mode
[Setting condition]
• Specification by SERIRQ transfer cycle stop frame.
6
SELREQ
0
R/W
—
Start Frame Initiation Request Select
Selects whether start frame initiation is requested when
one or more interrupt requests are cleared, or when all
interrupt requests are cleared, in quiet mode.
0: Start frame initiation is requested when all interrupt
requests are cleared in quiet mode.
1: Start frame initiation is requested when one or more
interrupt requests are cleared in quiet mode.
5
IEDIR
0
R/W
—
Interrupt Enable Direct Mode
Specifies whether LPC channel 2 and channel 3
SERIRQ interrupt source (SMI, IRQ6, IRQ9 to IRQ11)
generation is conditional upon OBF, or is controlled only
by the host interrupt enable bit.
0: Host interrupt is requested when host interrupt enable
bit and corresponding OBF are both set to 1
1: Host interrupt is requested when host interrupt enable
bit is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com