Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 424 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 420Page - Renesas Technology Corp H8S/2111B Datasheet HTML 421Page - Renesas Technology Corp H8S/2111B Datasheet HTML 422Page - Renesas Technology Corp H8S/2111B Datasheet HTML 423Page - Renesas Technology Corp H8S/2111B Datasheet HTML 424Page - Renesas Technology Corp H8S/2111B Datasheet HTML 425Page - Renesas Technology Corp H8S/2111B Datasheet HTML 426Page - Renesas Technology Corp H8S/2111B Datasheet HTML 427Page - Renesas Technology Corp H8S/2111B Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 582 page
background image
Rev. 1.00, 05/04, page 390 of 544
R/W
Bit
Bit Name
Initial
Value Slave Host
Description
0
IRQ1E1
0
R/W —
Host IRQ1 Interrupt Enable 1
Enables or disables a host IRQ1 interrupt request when
OBF1 is set by an ODR1 write.
0: Host IRQ1 interrupt request by OBF1 and IRQ1E1 is
disabled
[Clearing conditions]
• Writing 0 to IRQ1E1
• LPC hardware reset, LPC software reset
• Clearing OBF1 to 0
1: Host IRQ1 interrupt request by setting OBF1 to 1 is
enabled
[Setting condition]
• Writing 1 after reading IRQ1E1 = 0
• SIRQCR1
R/W
Bit
Bit Name
Initial
Value Slave Host
Description
7
IRQ11E3
0
R/W —
Host IRQ11 Interrupt Enable 3
Enables or disables a host IRQ11 interrupt request
when OBF3A is set by an ODR3 write.
0: Host IRQ11 interrupt request by OBF3A and
IRQ11E3 is disabled
[Clearing conditions]
• Writing 0 to IRQ11E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR = 0)
1: [When IEDIR = 0]
Host IRQ11 interrupt request by setting OBF3A to 1
is enabled
[When IEDIR = 1]
Host IRQ11 interrupt is requested.
[Setting condition]
• Writing 1 after reading IRQ11E3 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com