Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 480 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 476Page - Renesas Technology Corp H8S/2111B Datasheet HTML 477Page - Renesas Technology Corp H8S/2111B Datasheet HTML 478Page - Renesas Technology Corp H8S/2111B Datasheet HTML 479Page - Renesas Technology Corp H8S/2111B Datasheet HTML 480Page - Renesas Technology Corp H8S/2111B Datasheet HTML 481Page - Renesas Technology Corp H8S/2111B Datasheet HTML 482Page - Renesas Technology Corp H8S/2111B Datasheet HTML 483Page - Renesas Technology Corp H8S/2111B Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 582 page
background image
Rev. 1.00, 05/04, page 446 of 544
18.8
Flash Memory Programming/Erasing
A software method, using the CPU, is employed to program and erase flash memory in the on-
board programming modes. Depending on the FLMCR1 and FLMCR2 settings, the flash memory
operates in one of the following four modes: program mode, program-verify mode, erase mode,
and erase-verify mode. The programming control program in boot mode and the user
program/erase control program in user program mode use these operating modes in combination to
perform programming/erasing. Flash memory programming and erasing should be performed in
accordance with the descriptions in section 18.8.1, Program/Program-Verify and section 18.8.2,
Erase/Erase-Verify, respectively.
18.8.1
Program/Program-Verify
When writing data or programs to the flash memory, the program/program-verify flowchart shown
in figure 18.9 should be followed. Performing programming operations according to this flowchart
will enable data or programs to be written to the flash memory without subjecting this LSI to
voltage stress or sacrificing program data reliability.
1. Programming must be done to an empty address. Do not reprogram an address to which
programming has already been performed.
2. Programming should be carried out 128 bytes at a time. A 128-byte data transfer must be
performed even if writing fewer than 128 bytes. In this case, H'FF data must be written to the
extra addresses.
3. Prepare the following data storage areas in RAM: a 128-byte programming data area, a 128-
byte reprogramming data area, and a 128-byte additional-programming data area. Perform
reprogramming data computation and additional programming data computation according to
figure 18.9.
4. Consecutively transfer 128 bytes of data in byte units from the reprogramming data area or
additional-programming data area to the flash memory. The program address and 128-byte
data are latched in the flash memory. The lower 8 bits of the start address in the flash memory
destination area must be H'00 or H'80.
5. The time during which the P bit is set to 1 is the programming time. Figure 18.9 shows the
allowable programming times.
6. The watchdog timer (WDT) is set to prevent overprogramming due to program runaway, etc.
The overflow cycle should be longer than (y + z2 +
α + β) µs.
7. For a dummy write to a verify address, write 1-byte data H'FF to an address whose lower 2 bits
are B'00. Verify data can be read in words from the address to which a dummy write was
performed.
8. The maximum number of repetitions of the program/program-verify sequence to the same bit
is (N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com