Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 478 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 474Page - Renesas Technology Corp H8S/2111B Datasheet HTML 475Page - Renesas Technology Corp H8S/2111B Datasheet HTML 476Page - Renesas Technology Corp H8S/2111B Datasheet HTML 477Page - Renesas Technology Corp H8S/2111B Datasheet HTML 478Page - Renesas Technology Corp H8S/2111B Datasheet HTML 479Page - Renesas Technology Corp H8S/2111B Datasheet HTML 480Page - Renesas Technology Corp H8S/2111B Datasheet HTML 481Page - Renesas Technology Corp H8S/2111B Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 582 page
background image
Rev. 1.00, 05/04, page 444 of 544
Table 18.6
System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate is
Possible
Host Bit Rate
System Clock Frequency Range of LSI
19200 bps
8 to 10 MHz
9600 bps
4 to 10 MHz
4800 bps
4 to 10 MHz
Boot program area*2 (128 bytes)
H'FFFF7F
H'FFFF00
H'FFEFFF
H'FFE880
H'FFE088
H'FFE080
ID code area*1
Programming control program area*1
(2040 bytes)
Boot program area*2 (1920 bytes)
Notes: 1. Some parts of this area are reserved only for boot mode and therefore should not be
used for any other purpose.
2. The boot program area and area which is not used cannot be used until a transition is
made to the execution state for the programming control program transferred to RAM.
Note that the contents of the boot program area in RAM are remained after a branch is
made to the programming control program.
Figure 18.6 On-Chip RAM Area in Boot Mode
In boot mode, this LSI checks the contents of the 8-byte ID code area as shown below to confirm
that the programming control program corresponds with this LSI. To originally write a
programming control program to be used in boot mode, the above 8-byte ID code must be added at
the beginning of the program.
H'FFE080
H'FFE088
30
40
FE
64
66
32
31
31
Instruction codes of the programming control program
(Product ID)
Figure 18.7 ID Code Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com