Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 485 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 481Page - Renesas Technology Corp H8S/2111B Datasheet HTML 482Page - Renesas Technology Corp H8S/2111B Datasheet HTML 483Page - Renesas Technology Corp H8S/2111B Datasheet HTML 484Page - Renesas Technology Corp H8S/2111B Datasheet HTML 485Page - Renesas Technology Corp H8S/2111B Datasheet HTML 486Page - Renesas Technology Corp H8S/2111B Datasheet HTML 487Page - Renesas Technology Corp H8S/2111B Datasheet HTML 488Page - Renesas Technology Corp H8S/2111B Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 582 page
background image
Rev. 1.00, 05/04, page 451 of 544
The FLMCR1, FLMCR2, EBR1, and EBR2 settings are retained, but program mode or erase
mode is aborted at the point at which the error occurred. Program mode or erase mode cannot be
entered by setting the P or E bit to 1. However, because the PV and EV bit settings are retained, a
transition to verify mode can be made. The error protection state can be cancelled by a reset or in
hardware standby mode.
18.10
Interrupts during Flash Memory Programming/Erasing
In order to give the highest priority to programming/erasing operations, disable all interrupts
including NMI input during flash memory programming/erasing (the P or E bit in FlMCR1 is set
to 1) or boot program execution*
1.
1. If an interrupt is generated during programming/erasing, operation in accordance with the
program/erase algorithm is not guaranteed.
2. CPU runaway may occur because normal vector reading cannot be performed in interrupt
exception handling during programming/erasing*
2.
3. If an interrupt occurs during boot program execution, the normal boot mode sequence cannot
be executed.
Notes: 1. Interrupt requests must be disabled inside and outside the CPU until the programming
control program has completed programming.
2. The vector may not be read correctly for the following two reasons:
If flash memory is read while being programmed or erased (while the P or E bit in
FLMCR1 is set to 1), correct read data will not be obtained (undefined values will be
returned).
If the interrupt entry in the vector table has not been programmed yet, interrupt
exception handling will not be executed correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com