Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 489 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 485Page - Renesas Technology Corp H8S/2111B Datasheet HTML 486Page - Renesas Technology Corp H8S/2111B Datasheet HTML 487Page - Renesas Technology Corp H8S/2111B Datasheet HTML 488Page - Renesas Technology Corp H8S/2111B Datasheet HTML 489Page - Renesas Technology Corp H8S/2111B Datasheet HTML 490Page - Renesas Technology Corp H8S/2111B Datasheet HTML 491Page - Renesas Technology Corp H8S/2111B Datasheet HTML 492Page - Renesas Technology Corp H8S/2111B Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 582 page
background image
Rev. 1.00, 05/04, page 455 of 544
Section 19 Clock Pulse Generator
This LSI incorporates a clock pulse generator, which generates the system clock (
φ), bus master
clock, and internal clock.
The clock pulse generator consists of an oscillator, duty correction circuit, clock select circuit,
medium-speed clock divider, bus master clock select circuit, subclock input circuit, and waveform
forming circuit. Figure 19.1 shows a block diagram of the clock pulse generator.
Oscillator
Duty
correction
circuit
Clock select
circuit
Medium-
speed clock
divider
Bus master
clock select
circuit
Subclock
input circuit
Waveform
forming
circuit
EXTAL
XTAL
EXCL
φ/2
to
φ/32
φSUB
φ
WDT_1
count clock
System clock
to
φ pin
Internal clock
to peripheral
modules
Bus master clock
to CPU
Figure 19.1 Block Diagram of Clock Pulse Generator
The bus master clock is selected as either high-speed mode or medium-speed mode by software
according to the settings of the SCK2 to SCK0 bits in the standby control register. For details on
the standby control register, refer to section 20.1.1, Standby Control Register (SBYCR).
The subclock input is controlled by software according to the EXCLE bit setting in the low power
control register. For details on the low power control register, refer to section 20.1.2, Low Power
Control Register (LPWRCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com