Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 212 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 208Page - Renesas Technology Corp H8S/2111B Datasheet HTML 209Page - Renesas Technology Corp H8S/2111B Datasheet HTML 210Page - Renesas Technology Corp H8S/2111B Datasheet HTML 211Page - Renesas Technology Corp H8S/2111B Datasheet HTML 212Page - Renesas Technology Corp H8S/2111B Datasheet HTML 213Page - Renesas Technology Corp H8S/2111B Datasheet HTML 214Page - Renesas Technology Corp H8S/2111B Datasheet HTML 215Page - Renesas Technology Corp H8S/2111B Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 582 page
background image
Rev. 1.00, 05/04, page 178 of 544
9.7.2
Conflict between FRC Write and Increment
If an FRC increment pulse is generated during the state after an FRC write cycle, the write takes
priority and FRC is not incremented. Figure 9.18 shows the timing for this type of conflict.
φ
Address
FRC address
Internal write
signal
FRC input
clock
Write data
FRC
N
M
T
1
T
2
Write cycle of FRC
Figure 9.18 FRC Write-Increment Conflict
9.7.3
Conflict between OCR Write and Compare-Match
If a compare-match occurs during the state after an OCRA or OCRB write cycle, the write takes
priority and the compare-match signal is disabled. Figure 9.19 shows the timing for this type of
conflict.
If automatic addition of OCRAR and OCRAF to OCRA is selected, and a compare-match occurs
in the cycle following the OCRA, OCRAR, and OCRAF write cycle, the OCRA, OCRAR and
OCRAF write takes priority and the compare-match signal is disabled. Consequently, the result of
the automatic addition is not written to OCRA. Figure 9.20 shows the timing for this type of
conflict.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com