Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 214 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 210Page - Renesas Technology Corp H8S/2111B Datasheet HTML 211Page - Renesas Technology Corp H8S/2111B Datasheet HTML 212Page - Renesas Technology Corp H8S/2111B Datasheet HTML 213Page - Renesas Technology Corp H8S/2111B Datasheet HTML 214Page - Renesas Technology Corp H8S/2111B Datasheet HTML 215Page - Renesas Technology Corp H8S/2111B Datasheet HTML 216Page - Renesas Technology Corp H8S/2111B Datasheet HTML 217Page - Renesas Technology Corp H8S/2111B Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 582 page
background image
Rev. 1.00, 05/04, page 180 of 544
9.7.4
Switching of Internal Clock and FRC Operation
When the internal clock is changed, the changeover may cause FRC to increment. This depends on
the time at which the clock is switched (bits CKS1 and CKS0 are rewritten), as shown in table 9.3.
When an internal clock is used, the FRC clock is generated on detection of the falling edge of the
internal clock scaled from the system clock (
φ). If the clock is changed when the old source is high
and the new source is low, as in case no. 3 in table 9.3, the changeover is regarded as a falling
edge that triggers the FRC clock, and FRC is incremented. Switching between an internal clock
and external clock can also cause FRC to increment.
Table 9.3
Switching of Internal Clock and FRC Operation
No.
Timing of Switchover
by Means of CKS1
and CKS0 Bits
FRC Operation
1
Switching from
low to low
Clock before
switchover
Clock after
switchover
FRC clock
FRC
CKS bit rewrite
N
N + 1
2
Switching from
low to high
Clock before
switchover
Clock after
switchover
FRC clock
FRC
N
N + 1
N + 2
CKS bit rewrite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More