Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 217 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 213Page - Renesas Technology Corp H8S/2111B Datasheet HTML 214Page - Renesas Technology Corp H8S/2111B Datasheet HTML 215Page - Renesas Technology Corp H8S/2111B Datasheet HTML 216Page - Renesas Technology Corp H8S/2111B Datasheet HTML 217Page - Renesas Technology Corp H8S/2111B Datasheet HTML 218Page - Renesas Technology Corp H8S/2111B Datasheet HTML 219Page - Renesas Technology Corp H8S/2111B Datasheet HTML 220Page - Renesas Technology Corp H8S/2111B Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 582 page
background image
TIMH265B_000020040200
Rev. 1.00, 05/04, page 183 of 544
Section 10 8-Bit Timer (TMR)
This LSI has an on-chip 8-bit timer module (TMR_0, TMR_1, TMR_Y, TMR_X, TMR_B, and
TMR_A) with six channels operating on the basis of an 8-bit counter. The 8-bit timer module can
be used as a multifunction timer in a variety of applications, such as generation of counter reset,
interrupt requests, and pulse output with an arbitrary duty cycle using a compare-match signal
with two registers.
10.1
Features
Select of clock sources
The counter input clock can be six internal clocks*
1 and an external clock
Select of three ways to clear the counters
The counters can be cleared on compare-match A or compare-match B, or by an external reset
signal
Timer output controlled by two compare-match signals
The timer output signal in each channel is controlled by two independent compare-match
signals, enabling the timer to be used for various applications, such as the generation of
pulse output or PWM output with an arbitrary duty cycle
Cascading of two channels
Cascading of TMR_0 and TMR_1,TMR_Y and TMR_X*
2 or TMR_B and TMR_A
Operation as a 16-bit timer can be performed using TMR_0/TMR_Y/TMR_B as the upper
half and TMR_1/TMR_X/TMR_A as the lower half (16-bit count mode)
TMR_1/TMR_X/TMR_A can be used to count TMR_0/TMR_Y/TMR_B compare-match
occurrences (compare-match count mode)
Multiple interrupt sources for each cannels
Compare-match A: TMR_0, TMR_1, TMR_Y, TMR_B and TMR_A
Compare-match B:
TMR_0, TMR_1, TMR_Y, TMR_B and TMR_A
Overflow:
TMR_0, TMR_1, TMR_Y, TMR_B and TMR_A
Input capture:
TMR_X and TMR_A
Input capture function (TMR_X and TMR_A)
Notes: 1. The program development tool (emulator) supports three internal clocks.
2. The program development tool (emulator) does not support this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com