Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 248 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 244Page - Renesas Technology Corp H8S/2111B Datasheet HTML 245Page - Renesas Technology Corp H8S/2111B Datasheet HTML 246Page - Renesas Technology Corp H8S/2111B Datasheet HTML 247Page - Renesas Technology Corp H8S/2111B Datasheet HTML 248Page - Renesas Technology Corp H8S/2111B Datasheet HTML 249Page - Renesas Technology Corp H8S/2111B Datasheet HTML 250Page - Renesas Technology Corp H8S/2111B Datasheet HTML 251Page - Renesas Technology Corp H8S/2111B Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 582 page
background image
Rev. 1.00, 05/04, page 214 of 544
Selection of Input Capture Signal Input: TMRIX (input capture input signal of TMR_X) is
selected according to the setting of the ICST bit in TCONRI. The input capture signal selection is
shown in table 10.5.
Table 10.5
Input Capture Signal Selection
TCONRI
Bit 4
ICST
Description
0
Input capture function not used
1
TMIX pin input selection
TMRIA (input capture input signal of TMR_A) is selected according to the setting of the ICST but
in TCRAB. The input capture signal selection is shown in table 10.6.
Table 10.6
Input Capture Signal Selection
TCRAB
Bit 3
ICST
Description
0
Input capture function not used
1
TMIA pin input selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More