Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 250 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 246Page - Renesas Technology Corp H8S/2111B Datasheet HTML 247Page - Renesas Technology Corp H8S/2111B Datasheet HTML 248Page - Renesas Technology Corp H8S/2111B Datasheet HTML 249Page - Renesas Technology Corp H8S/2111B Datasheet HTML 250Page - Renesas Technology Corp H8S/2111B Datasheet HTML 251Page - Renesas Technology Corp H8S/2111B Datasheet HTML 252Page - Renesas Technology Corp H8S/2111B Datasheet HTML 253Page - Renesas Technology Corp H8S/2111B Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 582 page
background image
Rev. 1.00, 05/04, page 216 of 544
10.10
Usage Notes
10.10.1
Conflict between TCNT Write and Counter Clear
If a counter clear signal is generated during the T
2 state of a TCNT write cycle as shown in figure
10.14, clearing takes priority and the counter write is not performed.
φ
Address
TCNT address
Internal write signal
Counter clear signal
TCNT
Note: * TMR_A, TMR_B
N
H'00
T
1
T
2
T
3*
TCNT write cycle by CPU
Figure 10.14 Conflict between TCNT Write and Clear
10.10.2
Conflict between TCNT Write and Count-Up
If a count-up occurs during the T
2 state of a TCNT write cycle as shown in figure 10.15, the
counter write takes priority and the counter is not incremented.
Note: * TMR_A, TMR_B
T
1
T
2
T
3*
φ
Address
TCNT address
Internal write signal
TCNT input clock
TCNT
N
M
TCNT write cycle by CPU
Counter write data
Figure 10.15 Conflict between TCNT Write and Count-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com